PART |
Description |
Maker |
ISL6549 |
Single 12V Input Supply Dual Regulator - Synchronous Rectified Buck PWM and Linear Power Controller
|
Intersil Corporation
|
LT1213ACN8 LT1213MJ8 LT12131 LT1213AMJ8 LT1213CS8P |
28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps 28MHz, 12V/µs, Single Supply Dual and Quad Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 650 uV OFFSET-MAX, 28 MHz BAND WIDTH, PDSO8
|
Linear Integrated Systems Linear Technology, Corp.
|
ISL43410 |
Analog Switch, DPDT or 2 to 1 Mux, Single, Ron = 45 @ 12V, Single Supply 2V to 12V, with inhibit, off leakage 1nA
|
Intersil
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
AD8594 AD8594AR AD8594ARU AD8592 AD8592ARM AD8591A |
Dual, CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifier with ±250 mA Output Current and a Power-Saving Shutdown ... Single, CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifier with ±250 mA output Current and a Power-Saving Shutdown ... CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown CMOS单电源轨到轨输入/输出运算放大器,带有关断 CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown QUAD OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO16 CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO6 CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown DUAL OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO10
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
LT1116 LT1116C LT1116CN8 LT1116CS8 |
12ns,Single Supply Ground-Sensing Comparator(12ns,单电源接地感应比较器) From old datasheet system 12ns, Single Supply Ground-Sensiing Comparator 12ns/ Single Supply Ground-Sensiing Comparator 4ns/ 150MHz Dual Comparator with Independent Input/Output Supplies
|
Linear Technology Corporation LINER[Linear Technology]
|
BM81004MUV-ZE2 |
12V Input Multi-Channel System Power Supply IC
|
ROHM
|
FDED-9PF FDED-9SF FDAD-15PF FDAD-15SF FDAD-25PF FD |
RIBBON-CABLE LOW-PROFILE FD CONNECTORS RIBBON-CABLE LOW-PROFILE FD CONNECTORS 带状线低轮廓衍生连接 ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% Switch Mode Power Supply; Output Power:1500W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:125A; Power Supply Mounting:Chassis; Output Voltage:12V; Series:HWS1800T RoHS Compliant: Yes
|
HIROSE ELECTRIC Co., Ltd. http:// Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
ISL43120 |
Analog Switch, Dual SPST, NOpen/NOpen, Ron = 11 @ 12V, Single Supply 2.7 to 12 Volt, Ron Matched
|
Intersil
|